Part Number Hot Search : 
MM5Z13H 2SK2883 226M8 93L422 C1213C MSMLG17A 24D12 MJE12007
Product Description
Full Text Search
 

To Download SF82 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
SF81 THRU SF86
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
VOLTAGE RANGE - 50 to 400 Volts CURRENT - 8.0 Amperes
FEATURES
* * * * * * Low switching noise Low forward voltage drop Low thermal resistance High current capability Super fast switching speed High reliability
TO-220A
* Good for switching mode circuit
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Mounting position: Any Weight: 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 100 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 8.0A DC @TC = 25 o C Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) Typical Thermal Resistance Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. Suffix "R" for Reverse Polarity. @TC = 100 C
o
SF81 50 35 50
SF82 100 70 100
SF83 150 105 150 8.0 150 1.0 10 500 35 3 50
SF84 200 140 200
SF85 300 210 300
SF86 400 280 400
UNITS Volts Volts Volts Amps Amps
VRRM VRMS VDC IO IFSM VF IR trr R J C CJ TJ, TSTG
1.35
Volts uAmps
50
0
nSec C/ W pF
0
30 -65 to + 150
C
48
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT
RATING AND CHARACTERISTIC CURVES ( SF81 THRU SF86 )
DC COMPONENTS CO., LTD.
R
49
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of SF82

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X